PART |
Description |
Maker |
IDT74FCT540CTSO IDT74FCT540CTSOG IDT74FCT540ATSO I |
FAST CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technology
|
PI74FCT540T |
Fast CMOS Octal Buffer/Line Drivers
|
Pericom Semiconductor C...
|
IDT74FCT540AT IDT74FCT540CT IDT74FCT540CTQ IDT74FC |
FAST CMOS OCTAL BUFFER/LINE DRIVER
|
IDT
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74FC2240AT IDT74FC2240CT IDT74FC2240T IDT74FC24 |
Standalone IrDA Encoder & Decoder 8-TSSOP -40 to 85 4-Pin DIP Phototransistor Output Optocoupler; Package: DIP-B; No of Pins: 4; Container: Box Dual Low-Power General-Purpose Operational Amplifier 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 High-Performance Impact<TM> Programmable Array Logic Circuits 24-CDIP -55 to 125 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVERS 快速CMOS八路缓冲线路驱动 Single 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 6; Container: Tape & Reel 快速CMOS八路缓冲线路驱动 128 x 64 pixel format, LED Backlight available 快速CMOS八路缓冲线路驱动 Replaced by SN74ABT2244A : Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-TSSOP -40 to 85 快速CMOS八路缓冲线路驱动 Single Output LDO, 620mA, Fixed(2.85V), SCSI Active Termination, Thermal Overload Protection 20-TSSOP 0 to 125 快速CMOS八路缓冲线路驱动 0.5A Adjustable Low Dropout Linear Regulator; Package: SOT-223; No of Pins: 4; Container: Tape & Reel Fast smos octal buffer/line driver FAST CMOS OCTAL BUFFER/LINE DRIVERS
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
PI74FCT2244ATH PI74FCT2244ATL PI74FCT2244ATQ PI74F |
Fast CMOS Octal Buffer/Line Drivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor C...
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
SL74HCT244N HCT244 SL74HCT244 SL74HCT244D |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
|
SLS[System Logic Semiconductor]
|
SL74HCT241N SL74HCT241 SL74HCT241D |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver(High-Performance Silicon-Gate CMOS)
|
System Logic Semiconduc... SLS[System Logic Semiconductor]
|
IN74AC244 IN74AC244DW IN74AC244N |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
IN74AC244 IN74AC244DW IN74AC244N |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
|
http:// Integral Corp. INTEGRAL Semiconductor Devices
|